PART |
Description |
Maker |
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- |
46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 60 V, 0.023 ohm, N-CHANNE 81 A, 60 V, 0.012 ohm, N-CHANNE 27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. VISHAY INTERTECHNOLOGY INC
|
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDH50N50 FDA50N50 |
500V N-Channel MOSFET 48 A, 500 V, 0.105 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel UniFET
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
IRFY11N50CMA |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 10A I(D) | TO-257AA 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 10A条(丁)|57AA HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 500V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STH15NB50FI STW15NB50 STH15NB50 4867 W15NB50 STW15 |
N-CHANNEL 500V - 0.33W - 14.6A -T0- 247/ISOWATT218 PowerMESH MOSFET N-CHANNEL 500V - 0.33 - 14.6A -T0-
247/ISOWATT218 PowerMESH TM MOSFET N-CHANNEL Power MOS MOSFET From old datasheet system N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STB8NC50 |
N-CHANNEL 500V 0.7 OHM 8A D2PAK POWERMESH II MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMeshII MOSFET N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STU16NB50 6768 |
N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET From old datasheet system N-CHANNEL 500V - 0.28 - 15.6A-Max220 PowerMESH TM MOSFET N-CHANNEL 500V - 0.28W - 15.6A-Max220 PowerMESH MOSFET
|
http:// STMicroelectronics SGS Thomson Microelectronics
|
STB10NB50 6520 |
From old datasheet system N - CHANNEL 500V - 0.55 - 10.6A - D 2 PAK PowerMESH TM MOSFET N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQH18N50V2 |
500V N-Channel Advanced QFET V2 series 500V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQU4N5009 FQU4N50TU FQD4N50-09 |
500V N-Channel MOSFET 100% avalanche tested, RoHS Compliant 500V N-Channel MOSFET
|
Fairchild Semiconductor List of Unclassifed Man...
|
FDPF12N50 FDP12N50 |
N-Channel MOSFET 500V, 11.5A, 0.65Ω N-Channel MOSFET 500V, 11.5A, 0.65ヘ
|
Fairchild Semiconductor
|
|